PART |
Description |
Maker |
Q60103-Y32-E Q60103-Y32-F Q60103-Y23-F Q60103-Y23- |
Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes PNP晶体管为自动输入 Standard Recovery Rectifier; Forward Current:25A; Forward Current Average:15.9A; Forward Current Avg Rectified, IF(AV):15.9A; Forward Surge Current Max, Ifsm:350A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes PNP TRANSISTORS FOR AF INPUT STAGES
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LS33401111 LY3340-M LG3340 LG3340-KN LG3340-L LG33 |
T1(3mm) LED LAMP T1毫米)发光二极管 Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
FS1UM-16A |
Standard Recovery Rectifier; Forward Current:15A; Forward Current Average:9.5A; Forward Current Avg Rectified, IF(AV):9.5A; Forward Surge Current Max, Ifsm:225A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Powerex Power Semiconductors Mitsubishi Electric Corporation
|
STK1040 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-202; Current, It av:10A; Holding Current:50mA
|
|
TA20141803DH |
SCR Thyristor; Gate Trigger Current Max, Igt:200mA; Current, It av:1800A; Package/Case:TA2; Repetitive Reverse Voltage Max, Vrrm:1400V; Current Rating:2820A RoHS Compliant: Yes
|
POWEREX INC
|
MG360V1US41 E002277 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes N CHANNEL IGBT (HIGH POWER SWITCHING, MOTOR CONTROL APPLICATIONS) From old datasheet system
|
Toshiba Corporation Toshiba Semiconductor
|
TS5204CY50 TS5204 TS5204CX TS5204CX1.8 TS5204CX18 |
Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 150mA Low Noise LDO Voltage Regulator
|
Taiwan Semiconductor Co., Ltd. TSC[Taiwan Semiconductor Company, Ltd] http://
|
PBA600F-15 PBA600F-24 PBA600F-36 PBA600F-12 |
40/40typ (Io=100%) (Primary inrush current /Secondary inrush current) (More than 3 sec. to re-start) AC3,000V 1minute, Cutoff current = 10mA, DC500V 50MWmin (At Room Temperature)
|
Total Power Internation...
|
PWR4412-2S PWR4412-2SBR0300J PWR4412-2SDR0100J PWR |
Bare Metal Element Resistor RES CURRENT SENSE .01 OHM 5W 5% RESISTOR, CURRENT SENSE, 5 W, 5 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 1W 1% RESISTOR, CURRENT SENSE, 1 W, 1 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 3W 5% RESISTOR, CURRENT SENSE, 3 W, 5 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 1W 5% RESISTOR, CURRENT SENSE, 1 W, 5 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 3W 1% RESISTOR, CURRENT SENSE, 3 W, 1 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT RES CURRENT SENSE .01 OHM 5W 1% RESISTOR, CURRENT SENSE, 5 W, 1 %, 20 ppm, 0.01 ohm, THROUGH HOLE MOUNT Power Resistors 0.015ohm 3watt 1% RESISTOR, CURRENT SENSE, 3 W, 1 %, 20 ppm, 0.015 ohm, THROUGH HOLE MOUNT Power Resistors 0.005ohm 5watt 1% RESISTOR, CURRENT SENSE, 5 W, 1 %, 20 ppm, 0.005 ohm, THROUGH HOLE MOUNT Power Resistors 0.015ohm 5watt 1% RESISTOR, CURRENT SENSE, 5 W, 1 %, 20 ppm, 0.015 ohm, THROUGH HOLE MOUNT RESISTOR, FIXED, POWER RESISTOR, CURRENT SENSE, 5 W, 5 %, 20 ppm, 0.005 ohm, THROUGH HOLE MOUNT Power Resistors 0.025ohm 1watt 1% RESISTOR, CURRENT SENSE, 1 W, 1 %, 20 ppm, 0.025 ohm, THROUGH HOLE MOUNT
|
Bourns Electronic Solutions Bourns, Inc.
|
|